Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download HD74LV1G02A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV1G02A
2-input NOR Gate
REJ03D0063-0600Z (Previous ADE-205-316D (Z)) Rev.6.00 Aug.28.2003
Description
The HD74LV1G02A has two-input NOR gate in a 5 pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as Renesas uni logic series. * Supplied on emboss taping for high-speed automatic mounting. * Electrical characteristics equivalent to the HD74LV02A Supply voltage range : 1.65 to 5.5 V Operating temperature range : -40 to +85C * All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) * Output current 6 mA (@VCC = 3.0 V to 3.6 V), 12 mA (@VCC = 4.5 V to 5.5 V) * All the logical input has hysteresis voltage for the slow transition. * Ordering Information
Part Name Package Type Package Code CMPAK-5V CMPAK-5V(O) HD74LV1G02AVSE VSON-5 pin TNP-5DV VS Note: Please consult the sales office for the above package availability. Package Abbreviation CM Taping Abbreviation (Quantity) E (3,000 pcs/reel)
HD74LV1G02ACME CMPAK-5 pin
Rev.6.00, Aug.28.2003, page 1 of 10
HD74LV1G02A
Outline and Article Indication
* HD74LV1G02A
Index band Marking
L
3
CMPAK-5
= Control code
* HD74LV1G02A
Marking
L
3
VSON-5
= Control code
Rev.6.00, Aug.28.2003, page 2 of 10
HD74LV1G02A
Function Table
Inputs A L L H H H : High level L : Low level B L H L H H L L L Output Y
Pin Arrangement
IN B
1
5
VCC
IN A
2
GND
3
4
OUT Y
(Top view)
Rev.6.00, Aug.28.2003, page 3 of 10
HD74LV1G02A
Absolute Maximum Ratings
Item Supply voltage range Input voltage range *1 Output voltage range Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes:
*1, 2
Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg
Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0 -20 50 25 50 200 -65 to 150
Unit V V V mA mA mA mA mW C
Test Conditions
Output : H or L VCC : OFF VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Rev.6.00, Aug.28.2003, page 4 of 10
HD74LV1G02A
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO IOL Min 1.65 0 0 -- -- -- -- IOH -- -- -- -- Input transition rise or fall rate t / v 0 0 0 0 Operating free-air temperature Ta -40 Note: Unused or floating inputs must be held high or low. Max 5.5 5.5 VCC 1 2 6 12 -1 -2 -6 -12 300 200 100 20 85 C ns / V Unit V V V mA VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V Conditions
Rev.6.00, Aug.28.2003, page 5 of 10
HD74LV1G02A
Electrical Characteristic
* Ta = -40 to 85C
Item Input voltage Symbol VCC (V) * VIH Min VCCx0.7 VCCx0.7 VCCx0.7 -- -- -- -- -- -- -- VCC-0.1 1.4 2.0 2.48 3.8 -- -- -- -- -- -- -- -- -- Typ Max -- -- -- -- VCCx0.25 VCCx0.3 VCCx0.3 VCCx0.3 -- -- -- -- -- -- -- -- -- 0.1 0.3 0.4 0.44 0.55 1 10 5 -- A A A pF V IOH = -50 A IOH = -1 mA IOH = -2 mA IOH = -6 mA IOH = -12 mA IOL = 50 A IOL = 1 mA IOL = 2 mA IOL = 6 mA IOL = 12 mA VIN = 5.5 V or GND VIN = VCC or GND, IO = 0 VIN or VO = 0 to 5.5 V VIN = VCC or GND V VT+ - VT- Unit V Test condition 1.65 to 1.95 VCCx0.75 -- 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 VIL 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Hysteresis voltage VH 1.8 2.5 3.3 5.0 Output voltage VOH Min to Max 1.65 2.3 3.0 4.5 VOL Min to Max 1.65 2.3 3.0 4.5 Input current Quiescent supply current Output leakage current IIN ICC IOFF 0 to 5.5 5.5 0 3.3 -- -- -- -- -- -- -- 0.25 0.30 0.35 0.45 -- -- -- -- -- -- -- -- -- -- -- -- -- 2.5
1.65 to 1.95 --
Input capacitance CIN
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Rev.6.00, Aug.28.2003, page 6 of 10
HD74LV1G02A
Switching Characteristics
* VCC = 1.8 0.15 V
Item Symbol Ta = 25C Min Propagation delay time tPLH tPHL -- -- Typ 14.2 20.5 Max 23.3 33.5
Ta = -40 to 85C Unit Test
Min 1.0 1.0
Max 26.0 36.5 ns
FROM Conditions (Input) CL = 15 pF CL = 50 pF A or B
TO (Output) Y
* VCC = 2.5 0.2 V
Item Symbol Ta = 25C Min Propagation delay time tPLH tPHL -- -- Typ 8.3 11.0 Max 12.4 16.1
Ta = -40 to 85C Unit Test
Min 1.0 1.0
Max 15.0 19.0 ns
FROM Conditions (Input) CL = 15 pF CL = 50 pF A or B
TO (Output) Y
* VCC = 3.3 0.3 V
Item Symbol Ta = 25C Min Propagation delay time tPLH tPHL -- -- Typ 5.6 7.6 Max 7.9 11.4
Ta = -40 to 85C Unit Test
Min 1.0 1.0
Max 9.5 13.0 ns
FROM Conditions (Input) CL = 15 pF CL = 50 pF A or B
TO (Output) Y
* VCC = 5.0 0.5 V
Item Symbol Ta = 25C Min Propagation delay time tPLH tPHL -- -- Typ 3.9 5.3 Max 5.5 7.5
Ta = -40 to 85C Unit Test
Min 1.0 1.0
Max 6.5 8.5 ns
FROM Conditions (Input) CL = 15 pF CL = 50 pF A or B
TO (Output) Y
Operating Characteristics
* CL = 50 pF
Item Symbol VCC (V) Ta = 25C Min Power dissipation capacitance CPD 3.3 5.0 -- -- Typ 8.9 10.3 Max -- -- pF f = 10 MHz Unit Test Conditions
Rev.6.00, Aug.28.2003, page 7 of 10
HD74LV1G02A
Test Circuit
VCC
Pulse generator
Input Output
50
CL
Note: CL includes probe and jig capacitance.
* Waveforms
tr tf
90% Input 50% 10%
90% 50% 10%
VCC
GND
VOH Output 50% 50% VOL t PHL t PLH
Notes: 1. Input waveform : PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns. 2. The output are measured one at a time with one transition per measurement.
Rev.6.00, Aug.28.2003, page 8 of 10
HD74LV1G02A
Package Dimensions
Unit: mm
(0.65)
(0.65)
(0.425)
1.3 0.2
0.15- 0.05
+ 0.1
1.25 0.1
2.1 0.3
0 - 0.1
2.0 0.2
0.9 0.1
(0.2)
(0.425)
5 - 0.2 0.05
Package Code JEDEC JEITA Mass (reference value)
CMPAK-5V -- Conforms 0.006 g
Unit: mm
(1.3)
(0.65) (0.65)
0.15 0.05
1.3 0.05*
5 - 0.2 - 0.05
+ 0.1
2.0 0.1*
+ 0.02 - 0.03
(0.1)
0.88
(2.1)
0.025 - 0.1
* The value does not include Resin Bar. (One side: 0.15 mm (max))
Package Code JEDEC JEITA Mass (reference value)
CMPAK-5V(O) -- Conforms 0.006 g
Rev.6.00, Aug.28.2003, page 9 of 10
HD74LV1G02A
1.6 0.05
Unit: mm
(0.1)
Package Code JEDEC JEITA Mass (reference value) TNP-5DV 0.002 g
1.6 0.05
1.2 0.1
0.2
5 - 0.2 -0.05
+0.1
0.2
0.5 1.0 0.1
0.5
0.6 MAX
Rev.6.00, Aug.28.2003, page 10 of 10
0.12 -0.05
+0.1
(0.1)
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2003. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon 1.0


▲Up To Search▲   

 
Price & Availability of HD74LV1G02A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X